Part Number Hot Search : 
2403S LPC1225 74477001 1Z390 MZ234 2SK513 T74FCT DME3005
Product Description
Full Text Search
 

To Download SMF05C-T13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.protekdevices.com 05138.r3 9/02 smf05c thru smf24c subminature monolithic tvs arra ys applica tions ? notebook computers ? cellular phone base stations ? handheld electronics ? personal digital assistants (pdas) ? digital cameras iec compa tibility (en61000-4) ? 61000-4-2 (esd): air - 15kv, contact - 8kv ? 61000-4-4 (eft): 40a - 5/50ns fea tures ? esd protection > 25 kilovolts ? 100 watts peak pulse power dissipation per line (8/20s) ? low clamping voltage ? available in 4 voltage types ranging from 5v to 24v ? up to five (4) lines of bidirectional protection & five (5) lines of unidirectional protection mechanical characteristics ? molded jedec sc-70-6l ? weight 0.014 grams (approximate) ? flammability rating ul 94v-0 ? 8mm tape and reel per eia standard 481 ? device marking: marking code sc-70-6l 3 1 5 6 2 4 pin configura tion circuit diagram 13 4 5 6 2 05138 . . . engineered solutions for the transient environment?
2 www.protekdevices.com smf05c thru smf24c 05138.r3 9/02 device characteristics maximum ratings @ 25c unless otherwise specified operating temperature symbol value -55 c to 150 cc c -55 c to 150 c units t j t stg parameter storage temperature peak pulse power (t p = 8/20s) - see figure 1 p pp 100 watts 0.01 1 10 100 1,000 10,000 t d - pulse duration - s 0 5 10 15 20 25 30 t - time - s 0 20 40 60 80 100 120 i pp - peak pulse current - % of i pp test waveform parameters t f = 8s t d = 20s t f peak value i pp e -t t d = t i pp /2 figure 2 pulse wave form 10 100 1,000 10,000 p pp - peak pulse current - watts figure 1 peak pulse power vs pulse time 100w, 8/20s waveform electrical characteristics per line @ 25c unless otherwise specified pa rt number device marking minimum breakdown voltage @ 1ma v (br) volts maximum clamping voltage (see fig. 2) @ i p = 5a v c volts maximum clamping voltage (see fig. 2) @8/20s v c @ i pp typical capacitance (see note 1) 0v @ 1 mhz c pf smf05c smf12c smf15c smf24c 05c 12c 15c 24c 6.0 13.3 16.7 26.7 9.8 - - - 10.0v @ 10.0a 23.8v @ 4.2a 33.3v @ 3.0a 55.5v @ 1.8a 60 30 25 20 maximum leakage current @v wm i d a 5 1 1 1 rated stand-off voltage v wm volts 5.0 12.0 15.0 24.0 note 1: pins 1, 3, 4, 5 or 6 to pin 2.
3 www.protekdevices.com smf05c thru smf24c 05138.r3 9/02 graphs 0 25 50 75 100 125 150 t l - lead temperature - c 20 40 60 80 100 % of rated power peak pulse power 8/20s average power figure 3 power derating curve 0 smf05c 0 2 4 6 8 10 i pp - peak pulse current - amps v c - clamping voltage - volts 0 4 8 12 16 figure 4 typical clamping voltage vs peak pulse current
4 www.protekdevices.com smf05c thru smf24c 05138.r3 9/02 application notes the smfc series are tvs arrays designed to protect i/o or data lines from the damaging effects of esd (> 25kv) or eft. this pr oduct provides both unidirectional and bidirectional protection, with a surge capability of 100 watts p pp per line for an 8/20s waveshape. unidirectional common mode configuration (figure 1) the smfc series provides up to four (4) lines of protection in a common mode configuration as depicted in figure 1. circuit connectivity is as follows: ? line 1 is connected to pin 1. ? line 2 is connected to pin 3. ? line 3 is connected to pin 4. ? line 4 is connected to pin 6. ? pin 2 is connected to ground. bidirectional differential mode configuration (figure 1) the smfc series provides up to five (5) lines of protection in a differential mode configuration as depicted in figure 2. circuit connectivity is as follows: ? line 1 is connected to pin 1. ? line 2 is connected to pin 3. ? line 3 is connected to pin 4. ? line 4 is connected to pin 5. ? line 5 is connected to pin 6. ? pin 2 is not connected. circuit bo ard la y out recommend a tions circuit board layout is critical for electromagnetic compatibility (emc) protection. the following guide- lines are recommended: ? the protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. ? the path length between the tvs device and the protected line should be minimized. ? all conductive loops including power and ground loops should be minimized. ? the transient current return path to ground should be kept as short as possible to reduce parasitic inductance. ? ground planes should be used whenever possible. for multilayer pcbs, use ground vias. 3 1 5 6 2 4 figure 2 - bidirectional configuration differential-mode i/o port protection line 1 line 2 line 3 line 4 i/o port line 5 figure 1 - unidirectional configuration common-mode i/o port protection 3 1 5 6 2 4 line 1 line 2 line 3 line 4 i/o port
5 www.protekdevices.com smf05c thru smf24c 05138.r3 9/02 copyright ? protek devices 2001 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer ? s and that in furnishing engineering and technical assistance, protek assumes no responsibility with respect to the selection or specifications of such products. package outline & dimensions 7 06019 rev 1 - 11/01 e d a l f 54 3 6 b g v j c k 0 o - 8 o 1 2 m j a b c d e f g j k l m 1.90 1.15 0.80 0.15 0.65 bsc 1.30 bsc 0.80 0.08 2.00 0 0.26 2.15 1.35 1.00 0.30 - - 1.10 0.25 2.20 0.10 0.46 0.074 0.045 0.031 0.006 0.0255 bsc 0.0512 bsc 0.031 0.003 0.078 0 0.010 0.084 0.055 0.040 0.012 - - 0.043 0.010 0.086 0.004 0.018 dim min max min max millimeters inches package dimensions notes: 1. dimensioning and tolerances per ansi y14.5m, 1985. 2. controlling dimension: inches 3. dimensions are exclusive of mold flash and metal burrs. package outline sc70-6l mounting pad 4 6 0.020 0.051 0.026 0.094 0.024 0.028 0.098 1 2 3 4 5 6 7 0.50 1.30 0.65 2.40 0.60 0.70 2.50 dim millimeters i nches typical 5 3 2 1 protek devices 2929 south fair lane, tempe, az 85282 tel: 602-431-8101 fax: 602-431-2288 e-mail: sales@protekdevices.com web site: www.protekdevices.com p ar t number suffixes used for t ape & reel ordering: surface mount product is taped and reeled in accordance with eia-481. suffix-t7 = 7 inch reel - 3,000 pieces per reel i.e.: smf05c - t7 suffix-t13 = 13 inch reel - 10,000 pieces per reel i.e: smf05c - t13


▲Up To Search▲   

 
Price & Availability of SMF05C-T13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X